Part Number Hot Search : 
100R2 PCF85 7905T ON2848 M38025E6 IDT74F S12864 SM735K
Product Description
Full Text Search
 

To Download 2SK656 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Silicon MOS FETs (Small Signal)
2SK0656 (2SK656)
Silicon N-Channel MOS FET
For switching I Features
unit: mm
4.00.2
0.70.1
I Absolute Maximum Ratings (Ta = 25C)
Parameter Drain to Source breakdown voltage Gate to Source voltage Drain current Max drain current Allowable power dissipation Channel temperature Storage temperature Symbol VDSS VGSO ID IDP PD Tch Tstg Ratings 50 8 100 200 200 150 -55 to +150 Unit V V mA mA mW C C
1
2
3
1.27 1.27
2.540.15
1: Source 2: Drain 3: Gate EIAJ: SC-72 New S Type Package
Internal Connection
D R1 G R2 S
I Electrical Characteristics (Ta = 25C)
Parameter Drain to Source cut-off current Gate to Source leakage current Drain to Source breakdown voltage Gate threshold voltage Drain to Source ON-resistance Forward transfer admittance High level output voltage Low level output voltage Input resistance Symbol IDSS IGSS VDSS Vth RDS(on) | Yfs | VOH VOL R1 + R2*1 Coss ton*2 toff
*2
Conditions VDS = 10V, VGS = 0 VGS = 8V, VDS = 0 ID = 100A, VGS = 0 ID = 100A, VDS = VGS ID = 20mA, VGS = 5V ID = 20mA, VDS = 5V, f = 1kHz VDD = 5V, VGS = 1V, RL = 200 VDD = 5V, VGS = 5V, RL = 200
min
typ
max 10
2.00.2
marking
+0.2 0.45-0.1
15.60.5
G High-speed switching G Small drive current owing to high input inpedance G High electrostatic breakdown voltage
3.00.2
Unit A A V V mS V
40 50 1.5
80
3.5 50
20 4.5
35
1 100 9 200
V k pF pF pF s s
Input capacitance (Common Source) Ciss Output capacitance (Common Source) VDS = 10V, VGS = 0, f = 1MHz VDD = 5V, VGS = 0 to 5V, RL = 200 VDD = 5V, VGS = 5 to 0V, RL = 200 Reverse transfer capacitance (Common Source) Crss Turn-on time Turn-off time
*1 *2
4.5 1.1 1 1
Resistance ratio R1/R2 = 1/50 Pulse measurement Note) The part number in the parenthesis shows conventional part number.
285
Silicon MOS FETs (Small Signal)
PD Ta
240 120 Ta=25C 200 100 100
2SK0656
ID VDS
120 VDS=5V
ID VGS
Allowable power dissipation PD (mW)
Drain current ID (mA)
160
80
Drain current ID (mA)
VGS=6.0V 5.5V 5.0V 4.5V 40
80
Ta=-25C 25C
120
60
60
75C
80
4.0V 3.5V 3.0V
40
40
20
20
0 0 20 40 60 80 100 120 140 160
0 0 2 4 6 8 10
0 0 2 4 6 8 10
Ambient temperature Ta (C)
Drain to source voltage VDS (V)
Gate to source voltage VGS (V)
| Yfs | VGS
50
Ciss, Coss VDS
Input capacitance (Common source), Output capacitance (Common source) Ciss,Coss (pF)
VDS=5V Ta=25C VGS=0 f=1MHz Ta=25C Ciss 8
RDS(on) VGS
Drain to source ON-resistance RDS(on) ()
120 ID=20mA 100
12
Forward transfer admittance |Yfs| (mS)
40
10
80
30
6
60
Ta=75C
20
4
Coss
40
25C -25C
10
2
20
0 0 2 4 6 8 10
0 0.1
0 0 2 4 6 8 10
0.3
1
3
10
30
100
Gate to source voltage VGS (V)
Drain to source voltage VDS (V)
Gate to source voltage VGS (V)
IO VIN
10 3 VO=5V Ta=25C 1000 300
VIN IO
VO=1V Ta=25C
Output current IO (mA)
Input voltage VIN (V)
0 1 2 3 4 5
1 0.3 0.1 0.03 0.01 0.003 0.001
100 30 10 3 1 0.3 0.1 0.1
0.3
1
3
10
30
100
Input voltage VIN (V)
Output current IO (mA)
286
Request for your special attention and precautions in using the technical information and semiconductors described in this material
(1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technologies described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuit examples of the products. It does not constitute the warranting of industrial property, the granting of relative rights, or the granting of any license. (3) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended. (4) The products and product specifications described in this material are subject to change without notice for reasons of modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (5) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, redundant design is recommended, so that such equipment may not violate relevant laws or regulations because of the function of our products. (6) When using products for which dry packing is required, observe the conditions (including shelf life and after-unpacking standby time) agreed upon when specification sheets are individually exchanged. (7) No part of this material may be reprinted or reproduced by any means without written permission from our company.
Please read the following notes before using the datasheets
A. These materials are intended as a reference to assist customers with the selection of Panasonic semiconductor products best suited to their applications. Due to modification or other reasons, any information contained in this material, such as available product types, technical data, and so on, is subject to change without notice. Customers are advised to contact our semiconductor sales office and obtain the latest information before starting precise technical research and/or purchasing activities. B. Panasonic is endeavoring to continually improve the quality and reliability of these materials but there is always the possibility that further rectifications will be required in the future. Therefore, Panasonic will not assume any liability for any damages arising from any errors etc. that may appear in this material. C. These materials are solely intended for a customer's individual use. Therefore, without the prior written approval of Panasonic, any other use such as reproducing, selling, or distributing this material to a third party, via the Internet or in any other way, is prohibited.
2001 MAR


▲Up To Search▲   

 
Price & Availability of 2SK656

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X